PART |
Description |
Maker |
DB-55035S-175 DB-57060S-526 SD1274-01 DB-55015-165 |
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
|
ETC List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http://
|
0510-50A |
50 W, 28 V, 500-1000 MHz common emitter transistor 50 Watts, 28 Volts, Class AB Defcom 500 - 1000 MHz TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3.7A I(C) | SOT-324VAR 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3.7AI(丙)|的SOT - 324VAR 500-1000 MHz, Class AB, Common Emitter; fO (MHz): 1000; P(out) (W): 50; P(in) (W): 10; Gain (dB): 7; Vcc (V): 28; ICQ (A): 0.1; Case Style: 55AV-2
|
GHZTECH[GHz Technology] MICROSEMI POWER PRODUCTS GROUP
|
2301 |
2.3 GHz Class C, Common Base; fO (MHz): 0; P(out) (W): 1.5; P(in) (W): 0.24; Gain (dB): 8.5; Vcc (V): 20; Cob (pF): 4; Case Style: 55BT-1 S BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 1.5 Watt - 20 Volts, Class C Microwave 2300 MHz
|
MICROSEMI POWER PRODUCTS GROUP Microsemi, Corp. GHZTECH[GHz Technology] GHz Technology, Inc.
|
10A030 |
3 W, 20 V, 1000 MHz common emitter transistor 3 Watts, 20 Volts, Class A Linear to 1000 MHz
|
GHz Technology ETC[ETC] List of Unclassifed Manufacturers
|
23A017 |
1.7 W, 20 V, 2300 MHz common emitter transistor 1.7 Watts, 20 Volts, Class A Linear to 2300 MHz
|
GHZTECH[GHz Technology]
|
MS1582 |
UHF 860-960 MHz, Class A/AB, Common Emitter; fO (MHz): 0; P(out) (W): 25; Gain (dB): 9; Vcc (V): 25; ICQ (A): 3.2; IMD Type (dB): -45; Case Style: M173 UHF BAND, Si, NPN, RF POWER TRANSISTOR
|
Microsemi, Corp.
|
H0115 2A0755 |
1000 MHz - 2000 MHz RF/MICROWAVE SINGLE BALANCED MIXER, 8 dB CONVERSION LOSS-MAX 1000 MHz - 2000 MHz, RF/MICROWAVE PHASE SHIFTER
|
ANAREN INC
|
ADAPTENUATORS SM-BM-6 NF-BF-10 NF-BF-3 NF-BF-6 NF- |
50OHM, 3,6,10 dB, DC to 2000 MHz Adaptenuators 0 MHz - 2000 MHz RF/MICROWAVE FIXED ATTENUATOR 50OHM, 3,6,10 dB, DC to 2000 MHz Adaptenuators 50OHM/ 3/6/10 dB/ DC to 2000 MHz Adaptenuators 50OHM / 3 /6 /10 dB / DC to 2000 MHz Adaptenuators
|
衰减 MINI[Mini-Circuits]
|
23A025 |
2.5 W, 20 V, 2300 MHz common emitter transistor 2.5 Watts, 20 Volts, Class A Linear to 2300 MHz TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 1.2A I(C) | FO-41BVAR
|
GHZTECH[GHz Technology]
|
UTV120 |
UHF TV 470-860 MHz, Class A, Common Emitter; fO (MHz): 860; P(out) (W): 12; Gain (dB): 8.9; Vcc (V): 26.5; ICQ (A): 1.7; IMD Type (dB): -52; Case Style: 55JT-2 2 CHANNEL, UHF BAND, Si, NPN, RF POWER TRANSISTOR
|
Microsemi, Corp.
|
BTRM-50 |
Termination BNC 50ohm DC to 2000 MHz 0 MHz - 2000 MHz 50 ohm RF/MICROWAVE TERMINATION
|
Mini-Circuits
|
|